PART |
Description |
Maker |
TFBS6711-TR1 |
Low Profile Fast Infrared Transceiver (FIR, 4 Mbit/s) for IrDA Applications
|
Vishay Intertechnology,Inc.
|
TFDU5307-TT1 TFDU5307-TT3 TFDU5307-TR1 TFDU5307-TR |
Fast Low Profile (2.5 mm) Infrared Transceiver Module(MIR, 1.152 Mbit/s) for IrDA Applications
|
VISAY[Vishay Siliconix]
|
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
HSMS-C177 HSMS-C197 HSMG-C177 HSMA-C177 HSMA-C197 |
Low Profile ChipLED 超薄型ChipLED HSMY-C177 · Low Profile ChipLED HSMY-C197 · Low Profile ChipLED HSMT-C197 · Low Profile ChipLED HSML-C197 · Low Profile ChipLED HSML-C177 · Low Profile ChipLED HSMG-C197 · Low Profile ChipLED HSMD-C197 · Low Profile ChipLED HSMD-C177 · Low Profile ChipLED HSMC-C197 · Low Profile ChipLED HSMC-C177 · Low Profile ChipLED HSMA-C197 · Low Profile ChipLED HSMA-C177 · Low Profile ChipLED HSMG-C177 · Low Profile ChipLED HSMS-C197 · Low Profile ChipLED HSMS-C177 · Low Profile ChipLED
|
Avago Technologies, Ltd. 发光二极 Agilent (Hewlett-Packard)
|
CURMT102-HF CURMT103-HF CURMT105-HF CURMT101-HF CU |
Low Profile SMD Ultra Fast Recovery Rectifiers
|
http:// Comchip Technology
|
DTW2070 |
Power MOSFET Low-Profile Through-Hole Fast Switching
|
DinTek Semiconductor Co,.Ltd
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
40TR12B |
SENSOR / ULTRASONIC / 40KHZ / TRAN
|
Jameco
|
2N6576 |
15 AMPERE NPN DARLINGTON POWER TRAN
|
General Semiconductor
|
M390S2858CTU-C7C M390S2858CTU M390S2858CTU-C1H M39 |
PC133/PC100 Low Profile Registered DIMM 128Mx72 SDRAM DIMM with PLL & Register based on Stacked 128Mx4, 4Banks 8K Ref., 3.3V SDRAMs with SPD. Low Profile Registered DIMM. Data Sheet
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
OP793 OP798 |
NPN Pho to tran sis tor with Base- Emitter Resistor
|
OPTEK Technologies
|